Part Number Hot Search : 
MKW1021 L14P2 C3356 U2520 07A01 CH847BPT 2SA19 U2520
Product Description
Full Text Search
 

To Download 1120160019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
1120160019 Active
BradCommunicationsTM SSTTM PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link Library and CommDTM driver license
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Approvals Communication Speed Mounting Style Product Name Protocol Type Network Interface 112016 CE, Class 1 Division 2 12 Mbps N/A SSTTM Profibus* DP PLC Module
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Channels Interface Network Connection Type Packaging Type Processor Temperature Range - Operating 1 Profibus* Profibus* D-Sub Female (9 pin) Carton Freescale MCF5772 0C to +60C Search Parts in this Series 112016Series
Electrical
Current - Maximum Input EMC Supply Voltage 5.5W EN 55022 Class B, EN 61000-3-2, EN 61000-3-3, EN 61000-6-2 N/A
Material Info
Old Part Number SST-PB3-CLX-DTM
Reference - Drawing Numbers
Sales Drawing E-112016-0019
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
The BradCommunicationsTM SST Profibus communication module connects your Rockwell ControlLogix(R) controller to PROFIBUS DP network.
30 Oct. 09 DW200588
PROFIBUS(R) DP Master/Slave
For the Rockwell ControlLogix(R) Controller
Features * Enhanced design!
100% backward compatible with previous generation (SST-PFB-CLX) Up to 2 times faster Easier to change module's configuration with PLC in RUN mode Runs without ladder code Module can "Set Slave" address Dynamically add/remove Profibus slaves from scan list Remote Configuration and diagnostic through RSLinx (R) Profibus modules can be used in Local or Remote (through CIP networks) Racks Certified PROFIBUS CommDTM driver for FDT Frame engineering tools Provides user-defined data space up to 1984 Bytes Input and 1968 Bytes Output Supports all PROFIBUS baud rates including 45.45 kbps Manages DP-V1 Services Simultaneous operation of PROFIBUS DP Master and Slave Multiple SST-PB3-CLX-RLL modules can be used in one CLX rack
* *
Overview
The BradCommunicationsTM SSTTM Profibus(R) module connects your Rockwell ControlLogix(R) controller to Profibus as a master or slave to scan or emulate PROFIBUS DP I/O. With the new user-defined data space of 1984 Bytes Input and 1968 Bytes Output, the BradCommunicationsTM SSTTM Profibus module provides a cost efficient solution to connect the ControlLogix CPU with large PROFIBUS networks.
*
*
* * * *
Remote Link Library
The Remote Link Library software provides added functionality to the BradCommunications SST Profibus module by allowing you to remotely monitor or download changes to your Profibus configuration. This is done by routing data from the BradCommunications SST Profibus DP Master Configuration software through (R) Rockwell Automation 's RSLinx software via Ethernet to the Allen-Bradley ControlLogix backplane. The Profibus Scanner can be used on a Local Rack or on a Remote Rack through CIP networks like EtherNet/IP or ControlNet
Protocols * PROFIBUS DP-V0 Master Class 1&2 * PROFIBUS DP-V1 Master Class 1&2 * PROFIBUS DP-V0 Slave Typical Applications * Chemical or pharmaceutical *
application running PROFIBUS PA Machine builder application with high-speed control requirements
CommDTM Driver for FDT Tools
By purchasing SST-PB3-CLX-DTM part number, you will get the driver license to use the certified CommDTM driver conforms to FDT v1.2 specifications. It is the TM ideal solution for connecting FDT engineering tools such as PACTware or FieldCareTM to PROFIBUS. It allows the linking with Device DTMs for the configuration and diagnostics with DP-V1 devices including Profibus PA field instruments.
- Fieldcare Screenshot -
- Pactware Screenshot -
PROFIBUS(R) DP Scanner
Diagnostic & Software Tools Configuration Software * *
Supports downloading and uploading configuration files through Serial or Ethernet port Browse your DP network for slave devices you want to include in your DP Master configuration using the DPView component Protocol LAN Controller Slaves Supported I/O per Slave I/O Mapping (for ControlLogix) Data Rate Cable Connector
Network Specifications
* * * * * * * * * * * * * PROFIBUS DP-V0 Master, class 1&2 PROFIBUS DP-V1 Master, class 1&2 PROFIBUS DP-V0 Slave (up to 122 words of input data and 122 words of output data as slave) Siemens ASPC2 Maximum of 125 Maximum of 244 bytes in/out Maximum 1984 bytes input data Maximum 1968 bytes output data 250 words status All Profibus data rates up to 12 Mbps Belden 3079A (R) Brad Harrison 85-0001 PVR2 conductor with shield, UL-listed DB9 female connector
Scanner Software *
Maintains slave status, diagnostic status information on all slaves, network diagnostic counters, and DP Master diagnostic counters Maintains network and I/O module status information including:
*
Hardware Specifications
Bus Interface Processor Memory Allen-Bradley ControlLogix 5000 Freescale MCF5272 * * * 8MB of local MCF5272 RAM 512 KB of onboard shared memory 512 KB of sectored flash memory for storage of program and configuration data
(R) (R)
* Active Slave Station Bit table * Configured Slave Station Bit
table
* Network diagnostic counters * DP Master diagnostic counters Diagnostic * *
Built-in 4 character display COMM, SYS and OK LEDs provide immediate notification of network and system errors
(R)
Built-in 4 character display
Diagnostics Backplane Current Consumption Operating Temperature Storage Temperature RoHS Compliant MTBF 3 LEDs indicate: 1. Health of the Profibus network (COMM) 2. Communication status with Profibus slaves (SYS) 3. that initialization is complete and the module is ok (OK) 850 mA @ 5V or 1.75 mA @ 24V 0C (32F) up to +60C (140F) -40C (-40F) up to +85C (185F) Yes 81.2 years
Other PROFIBUS Products * * * *
PROFIBUS modules for Allen-Bradley(R) SLCTM 500 PROFIBUS USB Adapter supporting CommDTM / FDT Version 1.2 PROFIBUS network interface cards (PCIe, PCI, C-PCI, PC/104, ISA, VME) inclusive DLL, OPC, ActiveX... Full metal PROFIBUS connector
Ordering Information
Part Number
SST-PB3-CLX-RLL
SAP
Description
* *
IDC-technique provides quick and error-free connection Optional diagnostic LED reduces downtime
BradCommunicationsTM SSTTM PROFIBUS Scanner 1120160018 for Allen-Bradley ControlLogix, includes Remote Link Library
BradCommunicationsTM SSTTM PROFIBUS Scanner SST-PB3-CLX-DTM 1120160019 for Allen-Bradley ControlLogix, includes Remote Link Library and CommDTM driver license SST-PB3-CLX-DTS 1120160020 BradCommunicationsTM SSTTM CommDTM update driver license for PROFIBUS Scanner
To contact us: www.woodhead.com North America: US: + 1 800 225 7724 - Canada: +1 519 725 5136 Europe: France: +33 2 32 96 04 20 - Germany: +49 7252 94 96 0- Italy: +39 010 59 30 77 - United: Kingdom +44 1495 356300 Asia: Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717 Singapore: +65 6268-6868 - Yamato, Japan: +81 46-265-2428 - Nagoya, Japan: +81 52-221-5950 BradCommunications and SST are trademarks of Molex Incorporated. (c) 2008 Molex


▲Up To Search▲   

 
Price & Availability of 1120160019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X